Part Number Hot Search : 
BU1006 IRF9542 VS3201 N60UF VA2656 AG32C5 2SJ591 M12533DD
Product Description
Full Text Search
 

To Download 520101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Next
Previous
Fuse Blocks and Clips
For 5 x 20mm Fuses
Metric OMNI-BLOK(R) Fuse Block Molded Base Type
The metric Omni-Blok(R) fuse block, for 5 x 20mm size fuses, is a low profile design that is available with a choice of solder type terminals, NEMA style QC terminals, or PC board mountable terminals. Each of these designs has tin-plated brass terminals. A unique design feature provides self-alignment of the clips to the fuse caps. This feature, plus a one-piece clip/terminal design, assures low contact resistance. An antirotation feature is also available on the solder and QC terminal designs.
(R)
(R)
D
V
E
APPROVALS: Recognized under the Components Program
of Underwriters Laboratories and Certified by CSA. VDE and Semko approved.
SPECIFICATIONS: Electrical: UL/CSA
Solder Type -- Q.C. Type -- PCB Type --
VDE/Semko 10A, 300V. 6.3A, 250V. 10A, 300V. 6.3A, 250V. 10A, 300V. 6.3A, 250V. Dielectric Strength: 1500V., Minimum. Clip/Terminals: Tin-Plated Spring Brass. Base: Glass reinforced Thermoplastic, UL 94V0 flammability rating. Gray color (GY) for anti-rotational series, black color for all others. Ambient Temperature: - 40C to +85C.
SOLDER TERMINAL TYPES:
10A
XX
.110"
520
.090" DIA. THRU 1.44"
.07"x.13 HOLE
PATENTED ORDERING INFORMATION:
Catalog Typical Overall Number Width Solder Type Terminals 520 004 .40" NEMA Style .110" Q.C. Terminals 520 003 .40" 520 005-GY .40" PC Board Mount 520 101 .40" Clip/ Terminals Brass Anti-Rotation Boss No
520 004
45 .54" .016" .50"
.92"
.40"
Brass Brass Brass
No Yes No
P.C. MOUNT TYPE 520 101
10A
Q.C. TERMINAL TYPES:
10A
XX
.110"
520
XX
520
.090" DIA. THRU 1.44"
520 003
.50" 45 .54" .016" .03" STANDOFF 1.03" WITH A 5X20mm FUSE INSTALLED .40" .18" .92" 1.44" .40" .50"
11
FUSE BLOCKS AND CLIPS
.50"
520 005-GY
45 .54"
.950 .005
.050" .055" TYP. .040 DIA. .428" .92"
.016"
RECOMMENDED HOLE PATTERN
.40"
w w w. l i t t e l f u s e . c o m
349


▲Up To Search▲   

 
Price & Availability of 520101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X